Part Number Hot Search : 
1N3310B 245DW 82RSB SUM110 45020 PM4319 AP1520SA 5962F9
Product Description
Full Text Search
 

To Download HFP13N50S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HFP13N50S
Sep 2009
BVDSS = 500 V
HFP13N50S
500V N-Channel MOSFET
FEATURES
Originative New Design Superior Avalanche Rugged Technology Robust Gate Oxide Technology Very Low Intrinsic Capacitances Excellent Switching Characteristics Unrivalled Gate Charge : 38 nC (Typ.) Extended Safe Operating Area Lower RDS(ON) : 0.39 (Typ.) @VGS=10V 100% Avalanche Tested
RDS(on) typ = 0.39 ID = 13 A
TO-220
1
2
3
1.Gate 2. Drain 3. Source
Absolute Maximum Ratings
Symbol VDSS ID IDM VGS EAS IAR EAR dv/dt PD TJ, TSTG TL Drain-Source Voltage Drain Current Drain Current Drain Current Gate-Source Voltage
TC=25 unless otherwise specified
Parameter
Value 500
Units V A A A V mJ A mJ V/ns W W/
- Continuous (TC = 25) - Continuous (TC = 100) - Pulsed
(Note 1)
13 8 52 30
Single Pulsed Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Power Dissipation (TC = 25) - Derate above 25
(Note 2) (Note 1) (Note 1) (Note 3)
560 13 19.5 4.5 195 1.56 -55 to +150 300
Operating and Storage Temperature Range Maximum lead temperature for soldering purposes, 1/8" from case for 5 seconds
Thermal Resistance Characteristics
Symbol RJC RCS RJA Junction-to-Case Case-to-Sink Junction-to-Ambient Parameter Typ. -0.5 -Max. 0.64 -62.5 /W Units
SEMIHOW REV.A0,Sep 2009
HFP13N50S
Electrical Characteristics TC=25 C
Symbol Parameter
unless otherwise specified
Test Conditions
Min
Typ
Max
Units
On Characteristics
VGS RDS(ON) Gate Threshold Voltage Static Drain-Source On-Resistance VDS = VGS, ID = 250 VGS = 10 V, ID = 6.5 A 2.0 --0.39 4.0 0.48 V
Off Characteristics
BVDSS Drain-Source Breakdown Voltage VGS = 0 V, ID = 250 ID = 250 , Referenced to 25 VDS = 500 V, VGS = 0 V VDS = 400 V, TC = 125 VGS = 30 V, VDS = 0 V VGS = -30 V, VDS = 0 V 500 ------0.5 ------1 10 100 -100 V V/ BVDSS Breakdown Voltage Temperature /TJ Coefficient IDSS IGSSF IGSSR Zero Gate Voltage Drain Current Gate-Body Leakage Current, Forward Gate-Body Leakage Current, Reverse
Dynamic Characteristics
Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance VDS = 25 V, VGS = 0 V, f = 1.0 MHz ---1550 205 23 2000 265 30
Switching Characteristics
td(on) tr td(off) tf Qg Qgs Qgd Turn-On Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
(Note 4,5)
VDS = 250 V, ID = 13 A, RG = 25
--------
25 100 130 100 38 6.0 16.5
60 210 270 210 50 ---
nC nC nC
VDS = 400V, ID = 13 A, VGS = 10 V
(Note 4,5)
Source-Drain Diode Maximum Ratings and Characteristics
IS ISM VSD trr Qrr Continuous Source-Drain Diode Forward Current Pulsed Source-Drain Diode Forward Current Source-Drain Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge IS = 13 A, VGS = 0 V IS = 13 A, VGS = 0 V diF/dt = 100 A/s (Note 4) --------410 4.5 13 52 1.4 --A V C
Notes ; 1. Repetitive Rating : Pulse width limited by maximum junction temperature 2. L=6mH, IAS=13A, VDD=50V, RG=25, Starting TJ =25C 3. ISD13A, di/dt200A/s, VDDBVDSS , Starting TJ =25 C 4. Pulse Test : Pulse Width 300s, Duty Cycle 2% 5. Essentially Independent of Operating Temperature
SEMIHOW REV.A0,Sep 2009
HFP13N50S
Typical Characteristics
ID, Drain Current [A]
ID, Drain Current [A]
VDS, Drain-Source Voltage[V]
VGS, Gate-Source Voltage[V]
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
IDR, Reverse Drain Current [A]
RDS(ON)[], Drain-Source On-Resistance
ID, Drain Current [A]
VSD, Source-Drain Voltage [V]
Figure 3. On Resistance Variation vs Drain Current and Gate Voltage
3000
Ciss = Cgs + Cgd (Cds = shorted) Coss = Cds + Cgd Crss = Cgd
Figure 4. Body Diode Forward Voltage Variation with Source Current and Temperature
12
VGS, Gate-Source Voltage [V]
2500
10
VDS = 100V VDS = 250V VDS = 400V
Ciss
Capacitances [pF]
2000
8
Coss
1500
6
1000
Crss
500
* Note ; 1. VGS = 0 V 2. f = 1 MHz
4
2
Note : ID = 13.0A
0 10-1
0
100
101
0
8
16
24
32
40
VDS, Drain-Source Voltage [V]
QG, Total Gate Charge [nC]
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
SEMIHOW REV.A0,Sep 2009
HFP13N50S
Typical Characteristics
(continued)
3.0
BVDSS, (Normalized) Drain-Source Breakdown Voltage
RDS(ON), (Normalized) Drain-Source On-Resistance
2.5
2.0
1.5
1.0
Note : 1. VGS = 10 V 2. ID = 6.5 A
0.5
0.0 -100
-50
0
50
100
150
200
TJ, Junction Temperature [oC]
TJ, Junction Temperature [oC]
Figure 7. Breakdown Voltage Variation vs Temperature
15
Figure 8. On-Resistance Variation vs Temperature
102
Operation in This Area is Limited by R DS(on)
ID, Drain Current [A]
ID, Drain Current [A]
103
101
100 s 1 ms 10 ms 100 ms DC
12
9
10
0
6
10-1
* Notes : 1. TC = 25 oC 2. TJ = 150 oC 3. Single Pulse
3
10-2 100
101
102
0 25
50
75
100
125
150
VDS, Drain-Source Voltage [V]
TC, Case Temperature [oC]
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current vs Case Temperature
100
ZJC(t), Thermal Response
D=0.5 0.2
10-1
0.1 0.05 0.02 0.01
10-2
* Notes : 1. ZJC(t) = 0.64 oC/W Max. 2. Duty Factor, D=t1/t2 3. TJM - TC = PDM * ZJC(t)
single pulse
PDM t1 t2
100 101
10-5
10-4
10-3
10-2
10-1
t1, Square Wave Pulse Duration [sec]
Figure 11. Transient Thermal Response Curve
SEMIHOW REV.A0,Sep 2009
HFP13N50S
Fig 12. Gate Charge Test Circuit & Waveform
50K 12V 200nF 300nF
Same Type as DUT VDS
VGS Qg
10V
VGS
Qgs
Qgd
DUT
3mA
Charge
Fig 13. Resistive Switching Test Circuit & Waveforms
VDS RG
RL VDD
( 0.5 rated VDS )
VDS
90%
10V
DUT
Vin
10%
td(on) t on
tr
td(off) t off
tf
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
L VDS VDD ID RG DUT VDD BVDSS IAS
BVDSS 1 EAS = ---- LL IAS2 -------------------2 BVDSS -- VDD
ID (t) VDS (t)
tp
10V
Time
SEMIHOW REV.A0,Sep 2009
HFP13N50S
Fig 15. Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT + VDS _ IS L Driver RG
Same Type as DUT
VDD
VGS
* dv/dt controlled by RG * IS controlled by pulse period
VGS ( Driver )
Gate Pulse Width D = -------------------------Gate Pulse Period
10V
IFM , Body Diode Forward Current
IS ( DUT ) IRM
di/dt
Body Diode Reverse Current
VDS ( DUT )
Body Diode Recovery dv/dt
Vf
VDD
Body Diode Forward Voltage Drop
SEMIHOW REV.A0,Sep 2009
HFP13N50S
Package Dimension
TO-220 (A)
9.900.20
3
0 .6
0.
20
4.500.20 1.300.20
15.700.20
2.800.20
9.190.20
6.500.20
13.080.20
0.800.20 2.54typ 2.54typ 0.500.20
3.020.20
1.270.20 1.520.20
2.400.20
SEMIHOW REV.A0,Sep 2009
HFP13N50S
TO-220 (B)
0.20
. 3
84
0
0 .2
4.570.20 1.270.20
15.440.20
2.740.20
9.140.20
6.300.20
2.670.20
13.280.20
1.270.20
2.670.20
0.810.20 2.54typ 2.54typ 0.400.20
SEMIHOW REV.A0,Sep 2009


▲Up To Search▲   

 
Price & Availability of HFP13N50S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X